this document was generated on 05/24/2010 please check www.molex.com for latest part information part number: 0365630010 status: active overview: mlx description: 6.35mm (.250) pitch mlx? power connector header, vertical, without plastic polarizing peg, 6 circuits, polyester 94v-0, tin lead (pb/sn) plating, white documents: 3d model product specification psx-42002-0001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 36563 application wire-to-board comments without compliant / polarization peg overview mlx product name mlx? physical breakaway no circuits (loaded) 6 circuits (maximum) 6 color - resin white durability (mating cycles max) 50 first mate / last break no glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part yes material - metal brass material - plating mating tin-lead material - plating termination nickel material - resin polyester number of rows 2 orientation vertical pc tail length (in) 0.170 in pc tail length (mm) 4.30 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type bag pitch - mating interface (in) 0.250 in pitch - mating interface (mm) 6.35 mm pitch - term. interface (in) 0.250 in pitch - term. interface (mm) 6.35 mm plating min: mating (in) 60 plating min: mating (m) 15.25 plating min: termination (in) 50 plating min: termination (m) 1.27 polarized to mating part yes polarized to pcb no shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -55c to +105c series image - reference only eu rohs china rohs compliance status not reviewed reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 36563 series mates with 42021 mlx? power crimp housing plug. 42023 mlx crimp terminal. 42024 mlx crimp terminal
termination interface: style through hole electrical current - maximum per contact 9a voltage - maximum 600v material info reference - drawing numbers product specification psx-42002-0001 sales drawing sd-36563-001 this document was generated on 05/24/2010 please check www.molex.com for latest part information
|